Part Number Hot Search : 
80000 SI9430 M5675 ICS308RT CSB20C04 1N5398 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download NACX330M10V5X55TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nacx series features ? cylindrical v-chip construction ? very low impedance at 100khz ? wide temperature range (-55 +105 o c) ? maximum 5.5mm height ? anti-solvent (2 minutes) ? designed for reflow soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics * optional 10% (k) tolerance available on most values. contact factory for availability. rated voltage range 6.3 ~ 63v rated capacitance range 1.0 ~ 150f operating temperature range -55 ~ +105c capacitance tolerance 20% (m), 10% (k)* max. leakage current after 2 minutes at 20c 0.01cv or 3a whichever is greater surge voltage and max. tan w.v. (vdc) 6.3 10 16 25 35 50 63 s.v.(vdc) 8 13 20 32 44 63 79 tan 0.24 0.20 0.16 0.14 0.12 0.12 0.12 low temperature stability (impedance ratio @ 120hz) z-25c/z+20c 3222222 z-55c/z+20c 5443333 high temperature load life at 105c and rated working voltage 1,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed value leakage current less than the speci ed value standard product and size d xl (mm) dimensions (mm) 0.3mm max. d l + - i i w p a b case size d 0.5 l max. a/b0.2 i 0.2 w p0.2 4x5.5 4.0 5.5 4.3 1.8 0.5 ~ 0.8 1.0 5x5.5 5.0 5.5 5.3 2.1 0.5 ~ 0.8 1.4 6.3x5.5 6.3 5.5 6.6 2.5 0.5 ~ 0.8 2.2 cap. (f) code working voltage (vdc) 6.3 10 16 25 35 50 63 1.01r0---- 4x5.5 4x5.5 4x5.5 2.22r2---- 4x5.5 4x5.5 4x5.5 3.33r3---- 4x5.5 4x5.5 5x5.5 4.7 4r7 - - - 4x5.5 4x5.5 5x5.5 5x5.5 10 100 - - 4x5.5 5x5.5 5x5.5 6.3x5.5 6.3x5.5 22 220 4x5.5 5x5.5 5x5.5 6.3x5.5 6.3x5.5 - - 33 330 5x5.5 5x5.5 6.3x5.5 6.3x5.5 - - - 47 470 5x5.5 6.3x5.5 6.3x5.5 6.3x5.5 - - - 100 101 6.3x5.5 6.3x5.5 6.3x5.5 ---- 220 221 6.3x5.5 ------ *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials nacx 100 m 25v 5x5.5 tr 13 y f rohs compliant 97% sn (min.), 3% bi (max.) 330mm (13?) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nacx series nic part number cap. (f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/100khz max. z ( ) +20c/100khz load life hours @ +105c nacx220m6.3v4x5.5tr13f 22 6.3 0.24 68 2.3 1,000 nacx330m6.3v5x5.5tr13f 33 0.24 105 1.1 1,000 nacx470m6.3v5x5.5tr13f 47 0.24 105 1.1 1,000 nacx101m6.3v6.3x5.5tr13f 100 0.24 155 0.6 1,000 nacx221m6.3v6.3x5.5tr13f 220 0.24 155 0.6 1,000 nacx220m10v5x5.5tr13f 22 10 0.20 105 1.1 1,000 nacx330m10v5x5.5tr13f 33 0.20 105 1.1 1,000 nacx470m10v6.3x5.5tr13f 47 0.20 155 0.6 1,000 nacx101m10v6.3x5.5tr13f 100 0.20 155 0.6 1,000 nacx100m16v4x5.5tr13f 10 16 0.16 68 2.3 1,000 nacx220m16v5x5.5tr13f 22 0.16 105 1.1 1,000 nacx330m16v6.3x5.5tr13f 33 0.16 155 0.6 1,000 nacx470m16v6.3x5.5tr13f 47 0.16 155 0.6 1,000 nacx101m16v6.3x5.5tr13f 100 0.16 155 0.6 1,000 nacx4r7m25v4x5.5tr13f 4.7 25 0.14 68 2.3 1,000 nacx100m25v5x5.5tr13f 10 0.14 105 1.1 1,000 nacx220m25v6.3x5.5tr13f 22 0.14 155 0.6 1,000 nacx330m25v6.3x5.5tr13f 33 0.14 155 0.6 1,000 nacx470m25v6.3x5.5tr13f 47 0.14 155 0.6 1,000 nacx1r0m35v4x5.5tr13f 1.0 35 0.12 68 3.1 1,000 nacx2r2m35v4x5.5tr13f 2.2 0.12 68 2.9 1,000 nacx3r3m35v4x5.5tr13f 3.3 0.12 68 2.7 1,000 nacx4r7m35v4x5.5tr13f 4.7 0.12 68 2.3 1,000 nacx100m35v5x5.5tr13f 10 0.12 105 1.1 1,000 nacx220m35v6.3x5.5tr13f 22 0.12 155 0.6 1,000 nacx1r0m50v4x5.5tr13f 1.0 50 0.12 37 7.4 1,000 nacx2r2m50v4x5.5tr13f 2.2 0.12 45 6.6 1,000 nacx3r3m50v4x5.5tr13f 3.3 0.12 52 5.4 1,000 nacx4r7m50v5x5.5tr13f 4.7 0.12 75 2.9 1,000 nacx100m50v6.3x5.5tr13f 10 0.12 120 1.3 1,000 nacx1r0m63v4x5.5tr13f 1.0 63 0.12 20 8.0 1,000 nacx2r2m63v4x5.5tr13f 2.2 0.12 24 8.0 1,000 nacx3r3m63v5x5.5tr13f 3.3 0.12 40 3.5 1,000 nacx4r7m63v5x5.5tr13f 4.7 0.12 40 3.5 1,000 nacx100m63v6.3x5.5tr13f 10 0.12 65 1.6 1,000 review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl standard values, case sizes and specifications precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com case size a b c 4 1.0 2.6 1.8 5 1.4 3.0 1.8 6.3 2.1 3.5 1.8 a c b recommended land pattern dimensions (mm) for automotive equipment, see part number system


▲Up To Search▲   

 
Price & Availability of NACX330M10V5X55TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X